PART |
Description |
Maker |
2SB1198 2SB1198K A5800312 2SB1198KQ |
TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 500MA I(C) | SC-59 From old datasheet system Low-frequency Transistor(-80V, -0.5A) Transistors > Small Signal Bipolar Transistors(up to 0.6W) Low-frequency Transistor(-80V/ -0.5A)
|
ROHM[Rohm]
|
KSC815 KSC815YTA_NL KSC815COBU KSC815CYBU KSC815CY |
NPN Epitaxial Silicon Transistor Low Frequency Amplifier & High Frequency Oscillator
|
FAIRCHILD[Fairchild Semiconductor]
|
2SD269609 2SD2696T2L |
Low frequency transistor (for amplification) 400 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Rohm
|
EMX28 |
Low frequency transistor, complex (2-elements) Bipolar Transistor
|
Rohm CO.,LTD.
|
2SD560 2SD560LB 2SD560MB |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 晶体管|晶体管|达林顿|叩| 100V的五(巴西)总裁| 5A条一(c)| TO - 220AB现有 TRANSISTOR | BJT | DARLINGTON | NPN | 100V V(BR)CEO | 5A I(C) | TO-220AB NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING Silicon power transistor
|
NEC, Corp. NEC Corp.
|
2SB1430 |
Silicon power transistor PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
|
NEC[NEC]
|
KSD158903 KSD1589 KSD1589YTU KSD1589RTU KSD1589OTU |
NPN Silicon Darlington Transistor Low Frequency Power Amplifier Low Speed Switching Industrial Use 5 A, 100 V, NPN, Si, POWER TRANSISTOR
|
http:// FAIRCHILD SEMICONDUCTOR CORP
|
2SB1432 |
PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING Silicon power transistor
|
NEC
|
2SB631 2SB631K 2SD600 2SD600K |
NPN Epitaxial Planar Silicon Transistor 100V/120V, 1A Low-Frequency Power Amplifier Applications 100V/120V/ 1A Low-Frequency Power Amplifier Applications 100V/120V/ 1A Low-Frequency Power Amp Applications PNP/NPN Epitaxial Planar Silicon Transistors 100V/120V, 1A Low-Frequency Power Amp Applications PNP Epitaxial Planar Silicon Transistor for 100V/120V, 1A Low-Frequency Power Amplifier Applications(用于100V/120VA低频功率放大器应用的PNP硅外延平面型晶体
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
2SD2162 2SD2162-AZ |
8 A, 100 V, NPN, Si, POWER TRANSISTOR NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
|
NEC
|
CSB834 CSB834O CSB834Y |
30.000W Low Frequency PNP Plastic Leaded Transistor. 60V Vceo, 3.000A Ic, 60 - 200 hFE. Complementary CSD880 30.000W Low Frequency PNP Plastic Leaded Transistor. 60V Vceo, 3.000A Ic, 60 - 120 hFE. Complementary CSD880O 30.000W Low Frequency PNP Plastic Leaded Transistor. 60V Vceo, 3.000A Ic, 100 - 200 hFE. Complementary CSD880Y
|
Continental Device India Limited
|